Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download MAMX-008611-TR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
Features
* * * * * * * -5 to +5 dBm LO Drive Level High Isolation, 28 dB LO to RF Lead Free SOT-26 package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Re-flow Compatible RoHS Compliant Version of MD57-0001
MAMX-008611 V1
Functional Schematic
Description
The MAMX-008611 is a floating FET mixer with an on-chip LO amplifier. The LO drive for the MAMX008611 can range from -5 to +5 dBm without severely impacting the mixer's performance. The MAMX-008611 is ideally suited for cellular band communications handsets' that can provide only minimal amounts of LO drive. Typical applications include frequency up/down conversion and IQ modulation and demodulation in digital receivers and transmitters. The MAMX-008611 utilizes a patented "floatingFET" architecture. The on-chip LO amplifier allows the MAMX-008611 to operate with as little as -5 dBm of LO drive making it an ideal choice for low power portable designs. The MAMX-008611 is fabricated using M/A-COM's 0.5 micron low noise GaAs MESFET process. This process features full passivation for increased performance and reliability. The MAMX-008611 is 100% RF tested to ensure superior performance specification compliance.
Pin Configuration
Pin No.
1 2 3 4 5 6
Pin Name
RF Port Bias LO Port VDD GND IF Port
Description
RF Input/Output LO Amplifier Bias Resistor LO Input LO Amplifier VDD Ground IF Input/Output
Absolute Maximum Ratings 2,3,4,5
Parameter
Input RF/IF Power
4
Absolute Maximum
+27 dBm +17 dBm
4
Ordering Information1
Part Number
MAMX-008611-000000 MAMX-008611-TR1000 MAMX-008611-TR3000
Input LO Power4 Operating Voltages
VDD = +6 V -30C to +80C -65C to +150C
Package
SOT-26 1000 piece reel 3000 piece reel
Operating Temperature Storing Temperature
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits. 4. Ambient Temperature (TA) = +25C 5. Typical Thermal Resistance (qjc ) = 108C/W at nominal bias
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
170 MHz, VDD = 2.7 V, Typical IIDD = 5 mA
Parameter
Conversion Loss Isolation LO to RF LO to IF RF to IF RF Port LO Port IF Port RF Freq = 900 MHz, LO = -5 dBm Two tones @ -10 dBm each; Two spacing = 1 MHz, IF = 170 MHz
MAMX-008611 V1
Electrical Specifications6: TA = +25C, RF = 900 MHz (-15 dBm), LO = 730 MHz (-5 dBm), IF =
Test Conditions Units
dB dB dB dB Ratio Ratio Ratio dBm dBc
Min.
-- 20 10 -- -- -- -- -- --
Typ.
9.3 28 12 20 2.0:1 2.0:1 2.0:1 14 59
Max.
11 -- -- -- -- -- -- -- --
VSWR Input 1 dB Compression Two Tone IM Ratio
6. IMR vs. RF drive can be calculated by the formula: IMR = [44 - 1.5(PIN)]
Recommended PCB Configuration
Layout View
External Circuitry Parts List
Part
R1 L1 L2 C1 C2 C3 C4
Value
200 22 nH 10 nH 10 nF 10 nF 22 pF 47 pF
Purpose
LO Amplifier Bias Resistor LO Amplifier Bias Input LO Port Matching IF Port Matching IF Bypass Capacitor RF Bypass Capacitor VDD Bypass
Lead-Free SOT-26 Plastic Package PCB Cross Section View
PCB dielectric between RF traces and RF ground layers should be chosen to reduce RF discontinuities between 50 lines and package pins. M/A-COM recommends an FR-4 dielectric thickness of 0.008" (0.2 mm) yielding a 50 line width of 0.015" (0.38 mm). The recommended metallization thickness is 1 oz. Copper.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
Spurious Table
LO Harmonic (n) 0X 1X 2X 3X 4X
-10 dBm 0 dBm -10 dBm 0 dBm -10 dBm 0 dBm -10 dBm 0 dBm -10 dBm 0 dBm
MAMX-008611 V1
The spurious table shows the spurious signals resulting from the mixing of the RF and LO input signals assuming down conversion. Mixing products are indicated relative to the IF level. The lower frequency mixing term is shown for two different RF input levels. The RF frequency is 900 MHz, the LO frequency is 730 MHz.
RF Harmonic (m) 0X
X X 13.8 22.9 10.8 20.4 12.1 22.7 13.6 24.0
1X
4.1 3.9 0 0 18.9 18.9 23.8 23.8 50.9 49.4
2X
44.9 31.9 47.6 35.1 46.5 36.6 41.5 31.0 68.5 58.9
3X
69.5 48.4 82.0 73.0 70.6 55.9 76.9 63.1 64.5 45.4
4X
79.7 70.0 76.6 83.8 78.0 84.0 77.1 74.0 80.6 63.4
[nFRF - mFLO] [nFRF - mFLO]
RF = -10 dBm RF = 0 dBm
Typical Performance Data
Down Converter Application Test Conditions: RF=900 MHz, IF=170 MHz, LO=730 MHz (LO Power = -5dBm)
Conversion Loss vs. Frequency
-8
VSWR vs. Frequency
5
RF LO
-9
4
-10
3
-11
2
-12 800
850
900
950
1000
1 600
700
800
900
1000
RF Frequency (MHz)
Frequency (MHz)
IMR Plot
30
Isolations
60
LO to RF RF to IF LO to IF
50 25 40
20
30
20 15 10
10 800
850
900
950
1000
0 600
700
800
900
1000
3
RF Frequency (MHz)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (MHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 3 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAMX-008611-TR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X